Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 46Page - STMicroelectronics TDA7546TR Datasheet HTML 47Page - STMicroelectronics TDA7546TR Datasheet HTML 48Page - STMicroelectronics TDA7546TR Datasheet HTML 49Page - STMicroelectronics TDA7546TR Datasheet HTML 50Page - STMicroelectronics TDA7546TR Datasheet HTML 51Page - STMicroelectronics TDA7546TR Datasheet HTML 52Page - STMicroelectronics TDA7546TR Datasheet HTML 53Page - STMicroelectronics TDA7546TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Software specifications
TDA7546
50/68
6.3
RDS decoder software specification
6.3.1
Programming through serial bus interface
The serial bus interface is used to access the different registers of the chip. It is able to
handle both I2C and
SPI transfer protocols, the selection between the two modes is done thanks to the pin CSN:
–
if the pin CSN is high, the interface operates as an I2C bus.
–
if the pin CSN is asserted low, the interface operates as a SPI bus.
In both modes, the device is a slave, i.e the clock pin SCL_CLK is only an input for the chip.
Depending on the transfer mode, external pins have alternate functions as following:
13 registers are available with read or read/write access:
The meaning of each bit is described below:
Table 35.
External pins alternate functions
pin
function in SPI mode (CSN=0)
function in I2C mode (CSN=1)
SCL_CLK
CLK (serial clock)
SCL (serial clock)
SDA_DATAIN
DATAIN (data input)
SDA (data line)
SA_DATAOUT
DATAOUT (data output)
SA (slave address)
Table 36.
Registers description
register
access
rights
function
rds_int[7:0]
read/write
interrupt source setting, synch., bne information
rds_qu[7:0]
read
quality counter, actual block name
rds_corrp[7:0]
read
error correction status, buffer ovf information
rds_bd_h[7:0]
read
high byte of current RDS block
rds_bd_l[7:0]
read
low byte of current RDS block
rds_bd_ctrl[7:0]
read/write
frequency, quality sensitivity, demodulator pll settings
sinc4reg[7:0]
read/write
sinc4 filter settings (for internal use only)
testreg[7:0]
read/write
test modes (for internal use only)
pllreg4[7:0]
read/write
PLL control register 4
pllreg3[7:0]
read/write
PLL control register 3
pllreg2[7:0]
read/write
PLL control register 2
pllreg1[7:0]
read/write
PLL control register 1
pllreg0[7:0]
read/write
PLL control register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com