Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 11Page - STMicroelectronics TDA7546TR Datasheet HTML 12Page - STMicroelectronics TDA7546TR Datasheet HTML 13Page - STMicroelectronics TDA7546TR Datasheet HTML 14Page - STMicroelectronics TDA7546TR Datasheet HTML 15Page - STMicroelectronics TDA7546TR Datasheet HTML 16Page - STMicroelectronics TDA7546TR Datasheet HTML 17Page - STMicroelectronics TDA7546TR Datasheet HTML 18Page - STMicroelectronics TDA7546TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
TDA7546
Electrical specification
15/68
VOUT
Output Voltage
dev. = 75kHz
400
500
600
mVrms
ROUT
Output resistance
15
40
65
Ω
|
ΔV|
min
DC offset fine adjust
DEM, MENA=1
8.5
mV
|
ΔV|
max
DC offset fine adjust
DEM, MENA=1
264
mV
QUALITY DETECTION
S-meter, Unweighted Fieldstrength
V14
Fieldstrength output
V46 = 0VRMS
0.1
V
Fieldstrength output
V46 = 1VRMS
4.9
V
ΔV
14
voltage per decade
SMSL = 0
0.75
1
1.25
V
voltage per decade
SMSL = 1
1.1
1.5
1.9
V
S-meter offset
SL, SMSL=1
-15
15
dB
ROUT
Output resistance
300
450
650
Ω
S-meter, Weighted Fieldstrength
V35
Fieldstrength output
V46 = 0VRMS
2.5
V
Fieldstrength output
V46 = 1VRMS
4.9
V
ROUT
Output resistance
12
13.5
15
k
Ω
Adjacent Channel Output
V13
Output voltage low
0.1
0.2
V
Output voltage high
4.4
4.9
V
ROUT
Output resistance
3.5
4.5
5.5
k
Ω
Multipath Output
V34
Output voltage low
0.1
0.2
V
Output voltage high
4.4
4.9
V
ROUT
Output resistance
2
3.5
5
k
Ω
ISS (Intelligent Selectivity System)
Filter 450KHz
fcentre
Centre frequency
fREF_intern = 450KHz
450
KHz
BW 3dB
Bandwidth, -3dB
ISS80 = 1
70
80
80
KHz
BW 20dB
Bandwidth, -20dB
ISS80 = 1
135
150
165
KHz
BW 3dB
Bandwidth, -3dB
ISS80 = 0
105
120
135
KHz
BW 20dB
Bandwidth, -20dB
ISS80 = 0
220
250
280
KHz
Table 5.
Tuner (continued)
(Tamb = -40 to +85°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V,
fRF = 98.1MHz, dev. = 40KHz, fMOD = 1KHz, fIF1 = 10.7MHz, fIF2 = 450KHz,
fXtal = 10.25MHz, in application circuit, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com