Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 8Page - STMicroelectronics TDA7546TR Datasheet HTML 9Page - STMicroelectronics TDA7546TR Datasheet HTML 10Page - STMicroelectronics TDA7546TR Datasheet HTML 11Page - STMicroelectronics TDA7546TR Datasheet HTML 12Page - STMicroelectronics TDA7546TR Datasheet HTML 13Page - STMicroelectronics TDA7546TR Datasheet HTML 14Page - STMicroelectronics TDA7546TR Datasheet HTML 15Page - STMicroelectronics TDA7546TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Electrical specification
TDA7546
12/68
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Units
VCC
Supply Voltage (Tuner)
10.5
V
VDD
Supply Voltage (RDS)
4V
Tamb
Ambient Operating Temperature
-40 to 85
°C
Tstg
Storage Temperature
-55 to 150
°C
VESD
ESD Withstand Voltage
Human Body Model
≥ ±2000
V
Machine Model
≥ ±200
V
Charged Device Model, all pins
≥ ±250
V
Charged Device Model, all pins except #3 and
#5
≥ ±500
V
Charged Device Model, corner pins
≥ ±750
V
Table 4.
General parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FRF
RF input frequency
76
108
MHz
AS
Audio Sensitivity
fc = 98.1MHz, ; fdev = 22.5KHz;
fmod = 1KHz; dummy antenna;
SNR = 26dB; CCIR filter; external
pre-emphasis = 50ms
17
dB
μV
RS
RDS Sensitivity
fc = 98.1MHz, ; fdev = 2KHz; no audio
modulation; dummy antenna; Block
Error Rate = 50%
23
dB
μV
S/Nmax
Maximum Audio (S+N)/N
fc = 98.1MHz, ; fdev = 22.5KHz;
fmod = 1KHz; dummy antenna; mono
signal; CCIR filter; external pre-
emphasis = 50
μs
55
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com