Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
.
ADET
ADET
AC
-6
VAC( ANGLE)
V
V
R
=
=
I
66
10
´
VAC
LM3447
HOLD
RAC
CURRENT
MIRROR
10:1
42k
400mV
1V
VFLT2
+
±
BIAS
RBS
RHLD1
RHLD2
CHLD
QPASS
+
+
280mV
ANGLE
DECODING
CIRCUIT
VDIM
1.75V
+
FLT1
FLT2
ENHOLD
RFLT
CFLT
VTFB
VREF
REFERENCE
GENERATOR
-3
SN
P(PK,MAX)
275
10
R
=
2I
´
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
and
(14)
For RSN It is recommended to use a film type SMD resistor, with power rating greater than PSN and with low ESL.
ANGLE DETECT CIRCUIT
Figure 27. Phase Angle Detection and HOLD Current Circuit
The LM3447 uses the input voltage, VREC, to detect the conduction phase angle. Figure 27 shows the LM3447
angle detect circuit, where the input voltage, VREC, is scaled by the current mirror circuits and re-generated
across an internal 42k
Ω resistor. This replica of the input voltage is compared with internal 280mV reference to
obtain the conduction information. The resulting PWM signal, with its on-time proportional to the conduction
period, is buffered and supplied through the FLT1 pin, as shown in Figure 28. To match the external phase
dimmer characteristics with the LM3447 decoding circuit and prevent EMI filter capacitors from interfering with
dimming operation, it is necessary to select an angle detection threshold, VADET(TH). This threshold can then be
programmed using the resistor, RAC, such that
(15)
For best results, set VADET(TH) as follows:
•
25V to 40V for 120V systems
•
50V to 80V for 230V systems
Resistor RAC should also limit the VAC current under worst case operating conditions. The value of RAC should
be optimized to meet both angle detect, VADET, and VAC current, IVAC constraints.
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com