Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3447MT/NOPB Datasheet HTML 1Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 2Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 3Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 4Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
13
Input Voltage
Sense
and
Feedforward
Control
1
5
FET
Turn-on
Logic
Angle
Detection Circuit
3
11
Internal
Regulators
VCC
UVLO / OVP
Thermal
Shutdown
10
UVLO
OVP
DISABLE
S
Q
Q
R
9
LEB
+
275mV
14
UVLO
13.5V
4.2V
Angle
Decoding
Circuit
4
Reference
Generator
2
Thermal
Foldback
1.75V
7.88k
+
6
7
PWM
Comparator
Error
Amplifier
Triggered
Ramp
Generator
2.5V
280mV
Fault
Timer
VREF
12
3.5V
1.75V
Valley Detection
Circuit
8
LEB
+
1.75V
AUX OVP
Comparator
Logic
and
Control
VAC
FF
FLT2
TSNS
INV
COMP
AUX
HOLD
FLT1
VCC
GATE
ISNS
BIAS
GND
ENHOLD
Hold Enable
OVP
ENHOLD
Hold Enable
ENHOLD
Hold Enable
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com