Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
GS(P A SS )
HLD2
HLD1
HO LD
13.5
V
R
=
R
I
-
-
-3
SN
P(PK,MAX)
275
10
R
=
2I
´
,
,
REC(PK,MAX)
A
AUX1
-6
P
AUX2
AUX1
A
OUT(OVP)
S
V
N
R
=
N
200
10
1. 75
R
=
R
N
V
1.75
N
´
-
æ
ö
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
RE C(P K ,M AX )
B S
B IA S
V
R
=
I
,
,
DS (PA S S)
RE C(PK , MA X)
B IA S (HI G)
GS (PA S S)
HLD1
S OA (PA SS )
V
= 1.2 V
V
V
R
=
I
-
,
FF
FF
1
C
2 (10 Hz
12 Hz)R
£
-
p
,
FF REF
FF
AC
M IN S
G
V
R
=
R
4
L P f
p
R EC(PK,M AX)
AC
V
and
500 μA
R
£
A DET
AC
V A C(A NGLE )
V
R
=
I
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
STEP
VARIABLE
DESCRIPTION
6
RAC
where
VADET is the angle detection voltage;
•
25V to 40V for 120V system
•
50V to 80V for 230V system
IVAC(ANGLE) is the angle detection threshold,
7
RFF
where
GFF is the gain of Feedforward circuit; GFF = 10.
8
CFF
9
CCOMP
4.7
μF ≤ CCOMP ≤ 10μF
10
QPASS, RHLD1
where
VGS(PASS) is the drain to source withstand voltage of pass transistor, QPASS,
ISOA(PASS) is the maximum current through pass transistor based on safe operating area characteristics.
11
RBS
where,
IBIAS is the BIAS current and IBIAS ≤ 500 μA
12
RAUX1, RAUX2
where,
VOUT(OVP) is the maximum output voltage under OVP condition
13
RSN
14
RFLT, CFLT
RFLT = 280 kΩ, CFLT = 0.1 μF
15
RHOLD
where,
IHOLD is the holding current drawn through the external phase dimmer circuit
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com