Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3447MT/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
.
o
NT C(BK)
N TC (T )
BK
o
R
R
=
1
1
exp β
T
T
é
ù
æ
ö
-
ê
ú
ç
÷
ê
ú
è
ø
ë
û
NTC
TSNS(REF)
TSNS(TH)
7.88 kΩ
R
=
= 10.5 kΩ
V
V
-
1.2
1
0.8
0.6
0.4
0.2
0
0
0.3
0.6
0.9
1.2
1.5
1.8
FLT 2 Voltage, V
- V
FLT2
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
The dimming command, VDIM is
•
held constant at 1V for VFLT2 ranging from 1.75V to 1.45V (conduction angle 180° to 150°)
•
linearly varied with gain of 0.877 for VFLT2 ranging from 1.45V to 280mV (conduction angle 150° to 30°)
•
saturated at 13mV for VFLT2 lower than 280mV (conduction angle less than 30°)
Figure 29. Relationship Between VFLT2 and VDIM
The relationship implemented by the angle decoding circuit is designed to map the non-linear power behavior of
external phase dimmer circuits and enhance Flyback PFC power stage compatibility.
Under normal operating conditions, the dimming command, VDIM is translated into a reference voltage, VREF,
where VREF = VDIM. As dimming progresses, the input power commanded by the feedforward loop is modulated
in accordance with VREF. This causes the output power and hence the LED current to vary based on the input
conduction angle. Using this feedforward control scheme and the internal angle decoding circuit of the LM3447, it
is possible to achieve monotonic, smooth and flicker free dimming with a dimming ratio of more than 50:1.
THERMAL FOLDBACK CIRCUIT
Thermal protection is necessary to prevent the LEDs and other power supply components from sustaining
damage when operated at elevated ambient temperatures. A thermal foldback circuit is incorporated into the
LM3447 to limit the maximum operating temperature of the LEDs by scaling the output power based on the
heatsink temperature. The LED temperature is sensed using an external NTC resistor, RNTC, connected between
the TSNS pin and GND, as shown in Figure 30(a). The thermal protection is engaged when the TSNS voltage
decreases below the thermal foldback threshold voltage, VTSNS(TH), of 1V. The power is scaled by adjusting the
reference voltage, VREF, based on the thermal foldback output voltage, VTFB, according to the relationship shown
in Figure 30(b). The resistor value, RNTC(BK), at which the device enters thermal protection is fixed by the internal
7.88k
Ω pull-up resistor and the TSNS reference voltage, VTSNS(REF) and is given by
(18)
The temperature break-point, TBK and rate-of-change (slope) are governed by the non-linear characteristics of
the NTC resistor, RNTC, given by its β-value. To achieve a break-point temperature, TBK, the NTC resistor, RNTC
should selected as
(19)
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com