Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7752
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7752 Datasheet HTML 1Page - Leadtrend Technology LD7752 Datasheet HTML 2Page - Leadtrend Technology LD7752 Datasheet HTML 3Page - Leadtrend Technology LD7752 Datasheet HTML 4Page - Leadtrend Technology LD7752 Datasheet HTML 5Page - Leadtrend Technology LD7752 Datasheet HTML 6Page - Leadtrend Technology LD7752 Datasheet HTML 7Page - Leadtrend Technology LD7752 Datasheet HTML 8Page - Leadtrend Technology LD7752 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD7752
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Pin Configuration
YY:
Year code
WW:
Week code
PP:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
SOP-8 /DIP-8(TOP VIEW)
1
7
2
3
4
6
5
TOP MARK
YYWWPP
YYWWPP
SOP-7 (TOP VIEW)
Ordering Information
Part number
Switching Freq.
Package
Top Mark
Shipping
LD7752 GS
65kHz
SOP-8
LD7752 GS
2500 /tape & reel
LD7752 GR
65kHz
SOP-7
LD7752 GR
2500 /tape & reel
LD7752 GN
65kHz
DIP-8
LD7752 GN
3600 /tube /Carton
The LD7752 is ROHS compliant/ Green Packaged.
Pin Descriptions
PIN
NAME
FUNCTION
1
CT
Soft start time adjustment.
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a photo-coupler
to close the control loop and achieve regulation.
3
CS
Current sense pin, connect it to sense the MOSFET current
4
GND
Ground
5
OUT
Gate drive output to drive the external MOSFET
6
VCC
Supply voltage pin
7
NC
Unconnected Pin
8
HV
Connect this pin with positive terminal of bulk capacitor to provide startup current for
the controller. As Vcc voltage trips to UVLO (on), this HV loop will be disabled to
minimize power loss through the startup circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com