Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752 Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7752
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752 Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7752 Datasheet HTML 1Page - Leadtrend Technology LD7752 Datasheet HTML 2Page - Leadtrend Technology LD7752 Datasheet HTML 3Page - Leadtrend Technology LD7752 Datasheet HTML 4Page - Leadtrend Technology LD7752 Datasheet HTML 5Page - Leadtrend Technology LD7752 Datasheet HTML 6Page - Leadtrend Technology LD7752 Datasheet HTML 7Page - Leadtrend Technology LD7752 Datasheet HTML 8Page - Leadtrend Technology LD7752 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD7752
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V~30V
High-Voltage Pin, HV
-0.3V~500V
COMP, OTP, CS
-0.3 ~6V
OUT
-0.3 ~VCC+0.3V
Maximum Junction Temperature
150
C
Operating Junction Temperature Range
-40
C to 125C
Operating Ambient Temperature
-40
C to 85C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-8/ SOP-7,
JA)
160
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation, PD@85
C (SOP-8/ SOP-7)
250mW
Power Dissipation PD @85
C (DIP-8)
400mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (except HV Pin)
2.5KV
ESD Voltage Protection, Machine Model (except HV Pin)
250V
ESD Voltage Protection, Human Body Model (HV Pin)
1KV
ESD Voltage Protection, Machine Model (HV pin)
250V
Gate Output Current
250mA/-500mA
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Supply Voltage Vcc
9.5V to 26V
VCC Capacitor
10 to 47µF
COMP Capacitor Value
1~100nF
CT Capacitor Value
22~330nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com