Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7752
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7752 Datasheet HTML 6Page - Leadtrend Technology LD7752 Datasheet HTML 7Page - Leadtrend Technology LD7752 Datasheet HTML 8Page - Leadtrend Technology LD7752 Datasheet HTML 9Page - Leadtrend Technology LD7752 Datasheet HTML 10Page - Leadtrend Technology LD7752 Datasheet HTML 11Page - Leadtrend Technology LD7752 Datasheet HTML 12Page - Leadtrend Technology LD7752 Datasheet HTML 13Page - Leadtrend Technology LD7752 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD7752
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Adjustable Grouping Frequency and Soft
Start on CT Pin
In order to prevent the acoustic noise from grouping
frequency Fg, adjust the external capacitance of CT pin,
and the soft start time for it according to the below table.
The grouping frequency is limited from 600Hz to
1.80KHz
CCT (nF)
Grouping frequency
Fg (KHz)
Soft start time
Tss (mS)
22nF
1.2~1.8
≈ 3.0
33nF
0.8~1.3
≈ 3.8
47nF
0.6~1.0
≈ 6.0
Internal Slope Compensation
A fundamental issue of current mode control is the
stability problem when its duty-cycle is operated for
more than 50%. To stabilize the control loop, slope
compensation is required in the traditional UC384X
design by injecting the ramp signal from the RT/CT pin
through a coupling capacitor. Well, LD7752 requires
none of it since there
’s a built-in slope compensation
circuit to simplify the external circuit design.
On/Off Control
Pulling COMP pin below 1.6V will disable the gate
output pin of LD7752 immediately. The off mode will be
released soon as the pull-low signal is removed.
Dual-Oscillator Green-Mode Operation
There are various topologies for chips to meet
green-mode or power saving requirements, such as
“burst-mode control”, “skipping-cycle mode”, “variable
off-time control
“…etc. The basic operation theory of all
these approaches intends to reduce the switching
cycles under light-load or no-load condition either by
skipping some switching pulses or reduce the switching
frequency.
With LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled and
further to avoid the generation of audible noise.
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from being damaged in over-load,
short
or
open
loop
condition,
the
LD7752
is
implemented with smart OLP function. It also features
auto recovery function; see Fig. 11 for the waveform. If
in fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high over COMP pin (VCOMP).
When the VCOMP
ramps up over OLP threshold of 4.5V and stays for
longer than the OLP delay time, the protection will be
activated and then turn off the gate output to stop the
switching of power circuit.
A divide-2 counter is implemented to reduce the
average power under OLP behavior. As soon as OLP is
activated, the output will be latched off and the divide-2
counter starts to count the numbers of UVLO(off). The
latch will be released when the 2nd UVLO(off) point is
tripped, then the output will recover to switch again.
With the protection mechanism, it minimizes the
average input power to control the component
’s
temperature and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
4.5V
t
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP trip Level
2nd UVLO(off)
OLP Counter Reset
Fig. 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com