Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7752
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7752 Datasheet HTML 1Page - Leadtrend Technology LD7752 Datasheet HTML 2Page - Leadtrend Technology LD7752 Datasheet HTML 3Page - Leadtrend Technology LD7752 Datasheet HTML 4Page - Leadtrend Technology LD7752 Datasheet HTML 5Page - Leadtrend Technology LD7752 Datasheet HTML 6Page - Leadtrend Technology LD7752 Datasheet HTML 7Page - Leadtrend Technology LD7752 Datasheet HTML 8Page - Leadtrend Technology LD7752 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD7752
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Electrical Characteristics
(TA = +25C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
High-Voltage Supply (HV Pin, HV MOS process)
High-Voltage Current Source
VCC < UVLO(on)
1.1
1.3
1.5
mA
Off-State Leakage Current
VCC > UVLO(off), HV=500V
15
A
Supply Voltage (VCC Pin)
Startup Current
VCC=15V, HV=500V
100
150
200
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V
0.55
mA
VCOMP=3V
2.0
mA
OLP tripped
230
A
OVP tripped, VCC=OVP
230
A
UVLO (OFF)
7.0
8.0
9.0
V
UVLO (ON)
15.0
16.0
17.0
V
OVP Level
.
27.0
28.0
29.0
V
Voltage Feedback (COMP Pin)
Short Circuit Current
VCOMP=0V
0.14
0.17
0.20
mA
Open Loop Voltage
COMP pin open
5.10
5.30
5.50
V
Fixed Frequency Mode Threshold
VCOMP
()
2.5
V
Green Mode Threshold VCOMP
()
25kHz
2.1
V
Burst Mode Threshold VCOMP
1.65
V
Current Sensing (CS Pin)
VCS-OFF
0.80
0.85
0.90
V
VCS-MIN
0.60
0.65
0.7
V
Leading Edge Blanking Time
250
ns
Delay to Output
100
ns
Oscillator for Switching Frequency
Frequency
62.0
65.0
68.0
kHz
Temp. Stability
()
5
%
Voltage Stability
()
(VCC =11V-25V)
1
%
Green Mode Frequency
65kHz
25
kHz
Frequency Swapping
65kHz
 4.0
kHz
Maximum Duty
75
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com