Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7752GS
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7752GS Datasheet HTML 4Page - Leadtrend Technology LD7752GS Datasheet HTML 5Page - Leadtrend Technology LD7752GS Datasheet HTML 6Page - Leadtrend Technology LD7752GS Datasheet HTML 7Page - Leadtrend Technology LD7752GS Datasheet HTML 8Page - Leadtrend Technology LD7752GS Datasheet HTML 9Page - Leadtrend Technology LD7752GS Datasheet HTML 10Page - Leadtrend Technology LD7752GS Datasheet HTML 11Page - Leadtrend Technology LD7752GS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LD7752
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Application Information
Operation Overview
The LD7752 meets the green-power requirement and is
intended for the use in those modern switching power
suppliers and adaptors which demand higher power
efficiency
and
power-saving.
It
integrates
more
functions to reduce the external components counts and
the size. Its major features are described as below.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
R1
OUT
CS
VCC
GND
LD7752
C1
Cbulk
D1
Rs
COMP
Vin
HV
Fig. 7
The traditional circuit provides the startup current
through a startup resistor to power up the PWM
controller. However, it consumes significant power. In
most cases, startup resistors carry large resistance. And
larger resistance takes longer startup time.
To achieve optimized topology, as shown in Fig. 7,
LD7752 is designed with high-voltage startup circuit for
it. During startup, the high-voltage current source sinks
through the bulk capacitor to provide the startup current
to charge the Vcc capacitor C1. During initialization, the
Vcc drops below UVLO threshold to enable the current
source to supply 1mA current. Since there
’s only 150
A
required for startup, most of the HV current is reserved
to charge the Vcc capacitor. With such configuration, it
spends almost same time for turn-on delay no matter
under low-line or high-line conditions.
As VCC trips UVLO(ON), HV pin would no longer
charge the capacitor and instead, send a gate drive
signal to draw supply current for VCC from the auxiliary
winding of the transformer. That minimizes the power
loss on the start-up circuit successfully.
An UVLO comparator is embedded to detect the voltage
across the Vcc pin to monitor if the supply voltage is
enough to power on the LD7752 and in addition to drive
the power MOSFET.
As shown in Fig. 8, a hysteresis
is provided to prevent the shutdown from the voltage dip
during startup. The turn-on and turn-off threshold level
are set at 16V and 8V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
Fig. 8
Current Sensing, Leading-Edge Blanking
and the Negative Spike on CS Pin
The typical current mode PWM controller feedbacks
both current signal and voltage signal to close the
control loop and achieve regulation. The LD7752
detects the primary MOSFET current over CS pin for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com