Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7752GS
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7752GS Datasheet HTML 5Page - Leadtrend Technology LD7752GS Datasheet HTML 6Page - Leadtrend Technology LD7752GS Datasheet HTML 7Page - Leadtrend Technology LD7752GS Datasheet HTML 8Page - Leadtrend Technology LD7752GS Datasheet HTML 9Page - Leadtrend Technology LD7752GS Datasheet HTML 10Page - Leadtrend Technology LD7752GS Datasheet HTML 11Page - Leadtrend Technology LD7752GS Datasheet HTML 12Page - Leadtrend Technology LD7752GS Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LD7752
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
peak
current
mode
control
and
also
for
the
pulse-by-pulse current limit. The maximum voltage
threshold of the current sensing pin is set at 0.85V. Thus
the MOSFET peak current is calculated as:
S
PEAK(MAX)
R
0.85V
I
A
250nS
leading-edge
blanking
(LEB)
time
is
programed
in
the
input
of
CS
pin
to
prevent
false-triggering from the current spike. For most low
power applications, the R-C filter (as shown in Fig.9) is
eliminable if the total pulse width of the turn-on spikes is
less than 250nS and the negative spike on the CS pin
does not exceed -0.3V.
However, the total pulse width of the turn-on spike is
subject to the output power, circuit design and PCB
layout.
It is strongly recommended to add a small R-C
filter (as shown in Fig. 10) for larger power applications
to avoid the CS pin from being damaged by the negative
turn-on spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer with typical 250mA
source and 500mA sink driving capability is incorporated
to drive a power MOSFET directly.
And the maximum
duty-cycle of LD7752 is limited to 75% to avoid the
transformer saturation.
Voltage Feedback Loop
The voltage feedback signal is delivered from the TL431
on the secondary side through the photo-coupler to the
COMP pin. The input stage of LD7752, as UC384X,
consists of 2 diodes voltage offset to feed the voltage
divider with 1/3 ratio, that is,
)
2V
(V
3
1
)
V
F
COMP
(PWM
COMPARATOR
A pull-high resistor is embedded internally to optimize
the external circuit.
CS
VCC
GND
LD7752
Removable if the negative spike
is not over spec. (-0.3V).
OUT
250ns
blanking
time
Fig. 9
CS
VCC
GND
LD7752
An R-C filter is required once if the negative
spike is over -0.3V or the total spike width over
250nS LEB period.
OUT
Fig. 10
Oscillator and Switching Frequency
The switching frequency of LD7752 is fixed at 65kHz
internally to optimize the operation in consideration of
the EMI performance, thermal treatment, component
sizes and transformer design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com