Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7752GS
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7752GS Datasheet HTML 1Page - Leadtrend Technology LD7752GS Datasheet HTML 2Page - Leadtrend Technology LD7752GS Datasheet HTML 3Page - Leadtrend Technology LD7752GS Datasheet HTML 4Page - Leadtrend Technology LD7752GS Datasheet HTML 5Page - Leadtrend Technology LD7752GS Datasheet HTML 6Page - Leadtrend Technology LD7752GS Datasheet HTML 7Page - Leadtrend Technology LD7752GS Datasheet HTML 8Page - Leadtrend Technology LD7752GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LD7752
06/14/2013
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Green-Mode PWM Controller with HV Start-Up Circuit and
Soft Start time Adjustment
REV. 01
General Description
The LD7752 brings high performance, highly integrated
functions, protections and EMI-improve solution. It
’s an
ideal solution for those cost-sensitive system, reducing
component count and overall system cost.
The
LD7752
features
high
voltage
startup
circuit,
minimum loss and green-mode power-saving operation,
leading-edge blanking of the current sensing and internal
slope
compensation.
They
also
consist
of
more
protections of OLP (Over Load Protection) and OVP (Over
Voltage Protection) to prevent the circuit from damage
under abnormal conditions.
Furthermore, the proprietary frequency swapping function
can reduce the noise and help the power circuit designers
to enhance EMI performance with fewer components and
less developing time.
Features
 High-Voltage Startup Circuit
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 Internal Frequency swapping
 Internal Slope Compensation
 Internal OCP Compensation
 OVP (Over Voltage Protection) on Vcc Pin
 OLP (Over Load Protection)
 +250mA/-500mA Driving Capability
 Soft-Driving
 Soft Start Time and Grouping Frequency Adjustment
Applications
 LCD Monitor/TV Power
 Switching AC/DC Adaptor and Battery Charger
 Open Frame Switching Power Supply
Typical Application
EMI
Filter
OUT
CS
VCC
GND
COMP
LD7752
photocoupler
AC
input
HV
*
CT


Similar Part No. - LD7752GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGN LEADTREND-LD7750AGN Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGR LEADTREND-LD7750AGR Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
LD7750AGS LEADTREND-LD7750AGS Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
More results

Similar Description - LD7752GS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4812 SEMTECH-SC4812 Datasheet
208Kb / 15P
Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Excelliance MOS Corp.
EM8559A EXCELLIANCE-EM8559A Datasheet
301Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8563A EXCELLIANCE-EM8563A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8564A EXCELLIANCE-EM8564A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8569 EXCELLIANCE-EM8569 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
HV Start-up PWM Controller with Over Temperature Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com