Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7752GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7752GS
Description  Green-Mode PWM Controller with HV Start-Up Circuit and Soft Start time Adjustment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7752GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7752GS Datasheet HTML 8Page - Leadtrend Technology LD7752GS Datasheet HTML 9Page - Leadtrend Technology LD7752GS Datasheet HTML 10Page - Leadtrend Technology LD7752GS Datasheet HTML 11Page - Leadtrend Technology LD7752GS Datasheet HTML 12Page - Leadtrend Technology LD7752GS Datasheet HTML 13Page - Leadtrend Technology LD7752GS Datasheet HTML 14Page - Leadtrend Technology LD7752GS Datasheet HTML 15Page - Leadtrend Technology LD7752GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LD7752
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7752-DS-01 June 2013
Protection Resistor on the Hi-V Path
In some other Hi-V process and design, there may be a
parasitic SCR caused around HV pin, Vcc and GND. As
shown in Fig. 15, any small negative spike on the HV pin
may trigger this parasitic SCR and cause latch-up
between Vcc and GND. It will damage the chip because
of the equivalent short-circuit induced by the latch-up
behavior.
With
Leadtrend’s proprietary of Hi-V technology, the
LD7752 is free from parasitic SCR. Fig. 10 shows the
equivalent circuit for it. The LD7752 is stronger to
sustain negative voltage than the other similar products.
However, a 10K
 resistor is recommended to add on
the Hi-V path to play as a current limit resistor whenever
a negative voltage is applied.
VCC
GND
Other HV
process with
parasitic SCR
HV
Negative-triggered Parasitic SCR.
Any small negative spike on HV pin
will cause latchup between Vcc and
GND.
0V
Fig. 15
VCC
GND
LD7752 is free from
parasitic effect between
HV, Vcc and GND
HV
The current limit resistor
here is to prevent damage
from Negative voltage
(recommended)
0V
Fig. 16
Frequency Swapping
The LD7752 is built-in with programmable frequency
swapping
function.
It
enables
the
power
supply
designers to optimize EMI performance and system cost.
The Frequency Swapping was internally set at
4KHz
when incorporating with 65KHz switching frequency.
On-Chip OTP
– Auto Recovery
An internal OTP circuit is embedded to provide the
worst-case protection for this controller. If the chip
temperature rises higher than the trip OTP level, the
output will be disabled until the chip is cooled down
below the hysteresis window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com