Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3553 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments LM3553 Datasheet HTML 15Page - Texas Instruments LM3553 Datasheet HTML 16Page - Texas Instruments LM3553 Datasheet HTML 17Page - Texas Instruments LM3553 Datasheet HTML 18Page - Texas Instruments LM3553 Datasheet HTML 19Page - Texas Instruments LM3553 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
CAPACITOR SELECTION
The LM3553 requires 2 external capacitors for proper operation (CIN = 10µF recommended (4.7µF min.) and
COUT = 10µF (single LED) or 4.7µF (series LEDs)). Surface-mount multi-layer ceramic capacitors are
recommended. These capacitors are small, inexpensive and have very low equivalent series resistance (ESR
<20m
Ω typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are not
recommended for use with the LM3553 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3553. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM3553.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, -20%) and
vary significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C
to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance of only
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3553.
The recommended voltage rating for the input capacitor is 10V (min = 6.3V). For a single flash LED, the
recommended output capacitor voltage rating is 10V (min = 6.3V), and for series LEDs the recommended
voltage is 25V (min = closest voltage rating above the sum of (VLED × NLEDs) and VFB). The recommended
value takes into account the DC bias capacitance losses, while the minimum rating takes into account
the OVP trip levels.
SCHOTTKY DIODE SELECTION
The output diode must have a reverse breakdown voltage greater than the maximum output voltage. The diodes
average current rating should be high enough to handle the LM3553’s output current. Additionally, the diodes
peak current rating must be high enough to handle the peak inductor current. Schottky diodes are recommended
due to their lower forward voltage drop (0.3V to 0.5V) compared to ( 0.8V) for PN junction diodes.
LAYOUT CONSIDERATIONS
The WSON is a leadless package with very good thermal properties. This package has an exposed DAP (die
attach pad) at the underside center of the package measuring 1.86mm x 2.2mm. The main advantage of this
exposed DAP is to offer low thermal resistance when soldered to the thermal ground pad on the PCB. For good
PCB layout a 1:1 ratio between the package and the PCB thermal land is recommended. To further enhance
thermal conductivity, the PCB thermal ground pad may include vias to a 2nd layer ground plane. For more
detailed instructions on mounting WSON packages, please refer to Texas Instruments Application Note AN-1187
SNOA401.
The high switching frequencies and large peak currents make the PCB layout a critical part of the design. The
proceeding steps must be followed to ensure stable operation and proper current source regulation.
1. If possible, divide ground into two planes, one for the return terminals of COUT, CIN and the I
2C Bus, the other
for the return terminals of RSET. Connect both planes to the exposed DAP, but nowhere else.
2. Connect the inductor and the anode of D1(schottky) as close together as possible and place this connection
as close as possible to the SW pin. This reduces the inductance and resistance of the switching node which
minimizes ringing and excess voltage drops.
3. Connect the return terminals of the input capacitor and the output capacitor as close as possible to the
exposed DAP and through low impedance traces.
4. Bypass VIN with at least a 4.7µF ceramic capacitor. Connect the positive terminal of this capacitor as close
as possible to VIN.
5. Connect COUT as close as possible to the cathode of D1(schottky). This reduces the inductance and
resistance of the output bypass node which minimizes ringing and voltage drops. This will improve efficiency
and decrease the noiseinjected into the current sources.
6. Route the trace for RSET away from the SW node to minimize noise injection.
7. Do not connect any external capacitor to the RSET pin.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com