Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3553 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 15Page - Texas Instruments LM3553 Datasheet HTML 16Page - Texas Instruments LM3553 Datasheet HTML 17Page - Texas Instruments LM3553 Datasheet HTML 18Page - Texas Instruments LM3553 Datasheet HTML 19Page - Texas Instruments LM3553 Datasheet HTML 20Page - Texas Instruments LM3553 Datasheet HTML 21Page - Texas Instruments LM3553 Datasheet HTML 22Page - Texas Instruments LM3553 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LM3553
2.2 H
µ
COUT
10 F
µ
CIN
10 F
µ
ISET
RSET
SCL
SDA
VIO
GND
VIN
D1
OVP
SW
TX
FEN
D2
M/F
+4.975V @ 700 mA
LM3553
2.2 H
µ
COUT
4.7 F
µ
CIN
10 F
µ
ISET
RSET
SCL
SDA
VIO
GND
VIN
D1
OVP
SW
TX
FEN
D2
M/F
1.2A Flash
Current
VIN = +5V
VREF
+
-
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
Figure 25. 2 LEDs @ 1.2A with +5V Input
Figure 26. Voltage Mode @ 700mA with Battery Input
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com