Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3553 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 5 Page - Texas Instruments

  LM3553 Datasheet HTML 1Page - Texas Instruments LM3553 Datasheet HTML 2Page - Texas Instruments LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
Electrical Characteristics (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating junction temperature range
(-30°C
≤ TJ ≤ +125°C). Unless otherwise noted: VIN = 3.6V, RSET = 16.5kΩ, VD1 = VD2 = 500mV, VFB bit = '0', FEN = '0', TX =
'0', Flash Current Level = Full-Scale.
(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I2C Compatible Interface Timing Specifications (SCL, SDIO, VIO)
t1
SCL (Clock Period)
2.5
µs
Data In Setup Time to SCL
t2
100
ns
High
t3
Data Out stable After SCL Low
0
ns
SDA Low Setup Time to SCL
t4
100
ns
Low (Start)
SDA High Hold Time After
t5
100
ns
SCL High (Stop)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com