Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3553 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments LM3553 Datasheet HTML 15Page - Texas Instruments LM3553 Datasheet HTML 16Page - Texas Instruments LM3553 Datasheet HTML 17Page - Texas Instruments LM3553 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
FEN
TX
STATE
off
torch
flash
off
off
on
on
Safety
Timer
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
Safety Timer Duration Code (Binary)
Typical Safety Timer Duration (milliseconds)
0110
600
0111
700
1000
800
1001
900
1010
1000
1011
1100
1100
1200
1101
1300
1110
1400
1111
3200
Table 3. LM3553 Functionality Truth Table
EN1
EN0
FEN
TX
Result
0
0
0
0
Shutdown
0
0
0
1
Shutdown
0
0
1
0
Flash
0
0
1
1
Torch
0
1
0
0
Indicator
0
1
0
1
Indicator
0
1
1
0
Flash
0
1
1
1
Torch
1
0
0
0
Torch
1
0
0
1
Torch
1
0
1
0
Flash
1
0
1
1
Torch
1
1
0
0
Flash
1
1
0
1
Torch
1
1
1
0
Flash
1
1
1
1
Torch
Figure 19. FEN Terminated Pulse
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com