Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48411TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM48411TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM48411
www.ti.com
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
Electrical Characteristics
The following specifications apply for AV = 6dB, RL = 15μH+8Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C. VDD = 3.6V.
LM48411
Units
Symbol
Parameter
Conditions
(Limits)
Typical(1)
Limit(2)(3)
VI = 0V, AV = 2V/V,
|VOS|
Differential Output Offset Voltage
5
mV
VDD = 2.4V to 5.0V
VIN = 0V, No Load, VDD = 5.0V
5.1
7.5
mA (max)
VIN = 0V, No Load, VDD = 3.6V
4.2
6.0
mA (max)
VIN = 0V, No Load, VDD = 2.4V
3.0
4.5
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, RL = 8Ω, VDD = 5.0V
5.2
mA
VIN = 0V, RL = 8Ω, VDD = 3.6V
4.2
mA
VIN = 0V, RL = 8Ω, VDD = 2.4V
3.0
mA
ISD
Shutdown Current(3)
VSDR = VSDL= GND
0.01
1.0
μA (max)
VSDIH
Shutdown voltage input high
For SDR, SDL
1.4
V (min)
VSDIL
Shutdown voltage input low
For SDR, SDL
0.4
V (max)
GAIN0, GAIN1 = GND
6
6±0.5
dB
RL = ∞
GAIN0 = VDD, GAIN1 = GND
12
12±0.5
dB
RL = ∞
AV
Gain
GAIN0 = GND, GAIN1 = VDD
18
18±0.5
dB
RL = ∞
GAIN0, GAIN1 = VDD
24
24±0.5
dB
RL = ∞
AV = 6dB
56
k
Ω
AV = 12dB
37.5
k
Ω
RIN
Input Resistance
AV = 18dB
22.5
k
Ω
AV = 24dB
12.5
k
Ω
TWU
Wake Up Time
VSDR/SDL = 0.4V
4.2
ms
(1)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(2)
Datasheet min/max specification limits are not specified by test or statistical analysis.
(3)
Shutdown current is measured in a normal room environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. The
Shutdown pin should be driven as close as possible to GND for minimal shutdown current and to VDD for the best THD performance in
PLAY mode. See the Application Information section under SHUTDOWN FUNCTION for more information.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com