Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48411TL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM48411
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for AV = 6dB, RL = 15μH+8Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C. VDD = 3.6V.
LM48411
Units
Symbol
Parameter
Conditions
(Limits)
Typical(1)
Limit(2)(3)
RL = 15μH + 4Ω + 15μH
THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
2.5
W
VDD = 3.6V
1.2
W
VDD = 2.5V
530
mW
RL = 15μH + 4Ω + 15μH
THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
2
W
VDD = 3.6V
1
W
VDD = 2.5V
430
mW
PO
Output Power
RL = 15μH + 8Ω + 15μH
THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.5
W
VDD = 3.6V
760
mW
VDD = 2.5V
330
mW
RL = 15μH + 8Ω + 15μH
THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.25
W
VDD = 3.6V
615
mW
VDD = 2.5V
270
mW
PO = 500mW, f = 1kHz, RL = 8Ω
0.05
%
THD+N
Total Harmonic Distortion + Noise
PO = 300mW, f = 1kHz, RL = 8Ω
0.03
%
VRipple = 200mVPP Sine,
fRipple = 217Hz, VDD = 3.6, 5V
78
dB
Inputs to AC GND, CI = 2μF
Power Supply Rejection Ratio
PSRR
(Input Referred)
VRipple = 200mVPP Sine,
fRipple = 1kHz, VDD = 3.6, 5V
77
dB
Inputs to AC GND, CI = 2μF
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1WRMS
96
dB
Output Noise
εOUT
VDD = 3.6V, A Weighted
22
μVRMS
(Input Referred)
Common Mode Rejection Ratio
VDD = 3.6V, VRipple = 1VPP Sine
CMRR
64
dB
(Input Referred)
fRipple = 217Hz
VDD = 5V, POUT = 1W
η
Efficiency
88
%
RL = 8Ω
Xtalk
Crosstalk
PO = 500mW, f = kHz
84
dB
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com