Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48411TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
500
1000
1500
2000
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
THD+N=10%
THD+N=1%
0
10
20
30
40
50
60
70
80
90
100
0
OUTPUT POWER (W)
0.5
1.0
1.5
2.0
2.5
VDD = 3.6V
VDD = 2.5V
VDD = 5.0V
0
500
1000
2500
3000
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
THD+N=10%
THD+N=1%
1500
2000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
POWER SUPPLY (V)
0
1
2
3
4
5
6
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
20
100
1k
10k 20k
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
LM48411
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
PSRR vs Frequency
CMRR vs Frequency
VDD = 3.6V, RL = 8Ω
VDD = 3.6V, RL = 8Ω
Figure 22.
Figure 23.
Quiescent Current vs Power Supply
Output Power vs Supply Voltage
RL = ∞
RL = 4Ω, f = 1kHz
Figure 24.
Figure 25.
Output Power vs Supply Voltage
Efficiency vs Output Power
RL = 8Ω, f = 1kHz
RL = 4Ω
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com