Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4941TMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4941TMX/NOPB
Description  LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4941TMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4941TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM4941, LM4941SDBD, LM4941TMBD
www.ti.com
SNAS347C – JUNE 2006 – REVISED MAY 2013
Figure 26. Recommended WSON Board Layout: Bottom Layer
LM4941 Reference Design Boards Bill Of Materials
Designator
Value
Tolerance
Part Description
Comments
Ri1, Ri2
20k
Ω
0.10%
1/10W, 0.1% 0805 Resistor
Rf1, Rf2
20k
Ω
0.10%
1/10W, 0.1% 0805 Resistor
Ci1, Ci2
0
Ω
1/10W, 0.1% 0805 Resistor
Cb, Cs
1
μF
10%
16V Tantalum 1210 Capacitor
In, Out, VDD, J1
0.100” 1x2 header, Vertical mount
Input, Output, VDD/GND, Shutdown
Control
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com