Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4941TMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4941TMX/NOPB
Description  LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4941TMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4941TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4941, LM4941SDBD, LM4941TMBD
www.ti.com
SNAS347C – JUNE 2006 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(4)(5)
Internally Limited
ESD Susceptibility(6)
2000V
ESD Susceptibility(7)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (TM)
100°C/W
θJA (WSON)
71°C/W
Soldering Information
See AN-1187 (SNOA401)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4941, see power derating curve for additional information.
(5)
Maximum Power Dissipation (PDMAX) in the device occurs at an output power level significantly below full output power. PDMAX can be
calculated using Equation 3 shown in the Application section. It may also be obtained from the Power Dissipation graphs.
(6)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(7)
Machine Model, 220pF – 240pF discharged through all pins.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.4V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, AV = 1V/V, and 8Ω load unless otherwise specified. Limits apply for TA =
25°C.
LM4941
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, no load
1.7
2.3
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, RL = 8Ω
1.7
mA
ISD
Shutdown Current
VSHDN = GND
0.1
0.8
µA (max)
THD+N = 1% (max); f = 1 kHz
RL = 8Ω
1.25
1.15
W (min)
PO
Output Power
THD+N = 10% (max); f = 1 kHz
RL = 8Ω
1.54
W
THD+N
Total Harmonic Distortion + Noise
PO = 0.7 W; f = 1kHz
0.04
%
VRIPPLE = 200mVP-P Sine
PSRR
Power Supply Rejection Ratio
f = 217Hz(6)
95
80
dB (min)
f = 1kHz(6)
90
dB
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
10
Ω terminated input.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com