Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4941TMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4941TMX/NOPB
Description  LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4941TMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4941TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4941, LM4941SDBD, LM4941TMBD
SNAS347C – JUNE 2006 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 5V
(1)(2) (continued)
The following specifications apply for VDD = 5V, AV = 1V/V, and 8Ω load unless otherwise specified. Limits apply for TA =
25°C.
LM4941
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
f = 217Hz, VCM = 200mVP-P Sine
70
dB
CMRR
Common-Mode Rejection Ratio
f = 20Hz–20kHz , VCM = 200mVpp
70
dB
VOS
Output Offset Voltage
VIN = 0V
2
6
mV (max)
VSDIH
Shutdown Voltage Input High
1.4
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
SNR
Signal-to-Noise Ratio
PO = 1W, f = 1kHz
108
dB
TWU
Wake-up Time from Shutdown
CBYPASS = 1μF
12
ms
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for VDD = 3V, AV = 1V/V, and 8Ω load unless otherwise specified. Limits apply for TA =
25°C.
LM4941
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, no load
1.6
2.2
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, RL = 8Ω
1.6
mA
ISD
Shutdown Current
VSHDN = GND
0.1
0.8
µA (max)
THD+N = 1% (max); f = 1 kHz
RL = 8Ω
0.43
W
PO
Output Power
THD+N = 10% (max); f = 1 kHz
RL = 8Ω
0.54
W
THD+N
Total Harmonic Distortion + Noise
PO = 0.25W; f = 1kHz
0.05
%
VRIPPLE = 200mVPP Sine
PSRR
Power Supply Rejection Ratio
f = 217Hz(6)
95
dB
f = 1kHz(6)
90
dB
CMRR
Common-Mode Rejection Ratio
f = 217Hz, VCM = 200mVPP Sine
70
dB
VOS
Output Offset Voltage
VIN = 0V
2
6
mV (max)
VSDIH
Shutdown Voltage Input High
1.4
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
TWU
Wake-up Time from Shutdown
CBYPASS = 1μF
8
ms
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
10
Ω terminated input.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com