Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4941TMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4941TMX/NOPB
Description  LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4941TMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4941TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM4941TMX/NOPB Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (0.25)
8X (0.6)
6X (0.5)
(1.38)
(1.47)
(2.8)
(R0.05) TYP
WSON - 0.8 mm max height
NGS0008C
PLASTIC SMALL OUTLINE - NO LEAD
4214924/A 07/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD 9:
82% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
4
5
8
SYMM
METAL
TYP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com