Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 2 Page - Texas Instruments

  DAC900 Datasheet HTML 1Page - Texas Instruments DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Current
Sources
LSB
Switches
Segmented
Switches
+1.24V Ref.
Latches
10-Bit Data Input
D9...D0
DAC900
FSA
BW
+VD
+VA
AGND
CLK
DGND
REFIN
INT/EXT
IOUT
IOUT
BYP
PD
DAC900-Q1
SBAS505 – JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 105°C
TSSOP – PW
Reel of 2500
DAC900TPWRQ1
DAC900T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
+VA to AGND
–0.3V to +6V
+VD to DGND
–0.3V to +6V
AGND to DGND
–0.3V to +0.3V
+VA to +VD
–6V to +6V
CLK, PD to DGND
–0.3V to VD + 0.3V
D0-D9 to DGND
–0.3V to VD + 0.3V
IOUT, IOUT to AGND
–1V to VA + 0.3V
BW, BYP to AGND
–0.3V to VA + 0.3V
REFIN, FSA to AGND
–0.3V to VA + 0.3V
INT/EXT to AGND
–0.3V to VA + 0.3V
Junction temperature
+150°C
Storage temperature
+150°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com