Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 9Page - Texas Instruments DAC900 Datasheet HTML 10Page - Texas Instruments DAC900 Datasheet HTML 11Page - Texas Instruments DAC900 Datasheet HTML 12Page - Texas Instruments DAC900 Datasheet HTML 13Page - Texas Instruments DAC900 Datasheet HTML 14Page - Texas Instruments DAC900 Datasheet HTML 15Page - Texas Instruments DAC900 Datasheet HTML 16Page - Texas Instruments DAC900 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PMOS
Current
Source
Array
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref
Latches and Switch
Decoder Logic
10-Bit Data Input
D9...D0
DAC900
Full-Scale
Adjust
Resistor
Ref
Control
Amp
Ref
Buffer
BW
+V
D
+V
A
R
SET
2kΩ
CLK
DGND
Ref
Input
0.1µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50Ω
50Ω
20pF
1:1
V
OUT
0.1µF
400pF
0.1µF
+3V to +5V
Analog
Bandwidth
Control
+3V to +5V
Digital
FSA
REF
IN
AGND
Analog
Ground
Digital
Ground
Power Down
(internal pull-down)
Clock
Input
NOTE: Supply bypassing not shown.
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
APPLICATION INFORMATION
Theory of Operation
The architecture of the DAC900 uses the current steering technique to enable fast switching and a high update
rate. The core element within the monolithic DAC is an array of segmented current sources, which are designed
to deliver a full-scale output current of up to 20mA, as shown in Figure 1. An internal decoder addresses the
differential current switches each time the DAC is updated and a corresponding output current is formed by
steering all currents to either output summing node, IOUT or IOUT. The complementary outputs deliver a differential
output signal that improves the dynamic performance through reduction of even-order harmonics, common-mode
signals (noise), and double the peak-to-peak output signal swing by a factor of two, compared to singleended
operation.
Figure 1. Functional Block Diagram
The segmented architecture results in a significant reduction of the glitch energy, and improves the dynamic
performance (SFDR) and DNL. The current outputs maintain a very high output impedance of greater than
200k
Ω.
The full-scale output current is determined by the ratio of the internal reference voltage (1.24V) and an external
resistor, RSET. The resulting IREF is internally multiplied by a factor of 32 to produce an effective DAC output
current that can range from 2mA to 20mA, depending on the value of RSET.
The DAC900 is split into a digital and an analog portion, each of which is powered through its own supply pin.
The digital section includes edge-triggered input latches and the decoder logic, while the analog section
comprises the current source array with its associated switches and the reference circuitry.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com