Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments DAC900 Datasheet HTML 10Page - Texas Instruments DAC900 Datasheet HTML 11Page - Texas Instruments DAC900 Datasheet HTML 12Page - Texas Instruments DAC900 Datasheet HTML 13Page - Texas Instruments DAC900 Datasheet HTML 14Page - Texas Instruments DAC900 Datasheet HTML 15Page - Texas Instruments DAC900 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
I
OUTFS (mA)
80
75
70
65
60
55
50
45
40
X
X
*
*
*
*
X
X
SFDR vs I
OUTFS and fOUT AT 100MSPS
2.1MHz
5.04MHz
10.1MHz
40.4MHz
THD vs f
CLOCK AT f OUT = 2.1MHz
f
CLOCK (MSPS)
–70
–75
–80
–85
–90
–95
–100
2HD
3HD
SFDR vs TEMPERATURE AT 100MSPS, 0dBFS
Temperature (° C)
80
75
70
65
60
55
50
45
40
2.1MHz
10.1MHz
40.4MHz
X
X
X
X
X
X
X
DUAL-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
f
CLOCK = 100MSPS
f
OUT1 = 13.5MHz
f
OUT2 = 14.5MHz
SFDR = 61.5dBc
Amplitude = 0dBFS
FOUR-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
SFDR = 62.5dBc
Amplitude = 0dBFS
2
5
10
20
–40
0
25
50
100
125
150
0
25
50
70
85
–20
0
5
10
15
20
25
0
5
10
15
20
30
35
40
50
45
25
DAC900-Q1
SBAS505 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS: VD = VA = +3V (continued)
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com