Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 17Page - Texas Instruments DAC900 Datasheet HTML 18Page - Texas Instruments DAC900 Datasheet HTML 19Page - Texas Instruments DAC900 Datasheet HTML 20Page - Texas Instruments DAC900 Datasheet HTML 21Page - Texas Instruments DAC900 Datasheet HTML 22Page - Texas Instruments DAC900 Datasheet HTML 23Page - Texas Instruments DAC900 Datasheet HTML 24Page - Texas Instruments DAC900 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
Grounding, Decoupling, and Layout Information
Proper grounding and bypassing, short lead length, and the use of ground planes are particularly important for
high frequency designs. Multilayer pc-boards are recommended for best performance since they offer distinct
advantages such as minimization of ground impedance, separation of signal layers by ground layers, etc.
The DAC900 uses separate pins for its analog and digital supply and ground connections. The placement of the
decoupling capacitor should be such that the analog supply (+VA) is bypassed to the analog ground (AGND), and
the digital supply bypassed to the digital ground (DGND). In most cases 0.1uF ceramic chip capacitors at each
supply pin are adequate to provide a low impedance decoupling path. Keep in mind that their effectiveness
largely depends on the proximity to the individual supply and ground pins. Therefore, they should be located as
close as physically possible to those device leads. Whenever possible, the capacitors should be located
immediately under each pair of supply/ ground pins on the reverse side of the pc-board. This layout approach will
minimize the parasitic inductance of component leads and pcb runs.
Further supply decoupling with surface mount tantalum capacitors (1µF to 4.7µF) may be added as needed in
proximity of the converter.
Low noise is required for all supply and ground connections to the DAC900. It is recommended to use a
multilayer pcboard utilizing separate power and ground planes. Mixed signal designs require particular attention
to the routing of the different supply currents and signal traces. Generally, analog supply and ground planes
should only extend into analog signal areas, such as the DAC output signal and the reference signal. Digital
supply and ground planes must be confined to areas covering digital circuitry, including the digital input lines
connecting to the converter, as well as the clock signal. The analog and digital ground planes should be joined
together at one point underneath the DAC. This can be realized with a short track of approximately 1/8" (3mm).
The power to the DAC900 should be provided through the use of wide pcb runs or planes. Wide runs will present
a lower trace impedance, further optimizing the supply decoupling. The analog and digital supplies for the
converter should only be connected together at the supply connector of the pc-board. In the case of only one
supply voltage being available to power the DAC, ferrite beads along with bypass capacitors may be used to
create an LC filter. This will generate a low-noise analog supply voltage that can then be connected to the +VA
supply pin of the DAC900.
While designing the layout, it is important to keep the analog signal traces separate from any digital line, in order
to prevent noise coupling onto the analog signal path.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com