Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBP2501BPB Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 3Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 4Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 5Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 6Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 7Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 8Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 9Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 10Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 7
Version 2.1
1
1
1 PRODUCT OVERVIEW
1.1 FEATURES
Memory configuration
 Three interrupt sources
OTP ROM size: 1K * 16 bits.
One internal interrupts: T0, TC0.
RAM size: 48 * 8 bits.
One external interrupts: INT0.
Four levels stack buffer
 Two 8-bit Timer/Counter
I/O pin configuration
T0: Basic Timer with 0.5sec RTC.
Bi-directional: P0, P1, P2, P5.
TC0: Auto-reload timer/Counter/Buzzer output
Input only: P1.1.
Programmable open-drain: P1.0.
 On chip watchdog timer and clock source is internal
Wakeup: P0, P1 level change trigger
low clock RC type (16KHz @3V, 32KHz @5V).
Pull-up resisters: P0, P1, P2, P5.
External Interrupt trigger edge:
 Dual system clocks
P0.0 controlled by PEDGE register.
External high clock: RC type up to 10 MHz
External high clock: Crystal type up to 16 MHz
3-Level LVD.
Internal high clock: 16MHz RC type. Fcpu is limited to
Fosc/4~Fosc/16.
Reset system and power monitor.
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
Powerful instructions
 Operating modes
One clocks per instruction cycle (1T)
Normal mode: Both high and low clock active
Most of instructions are one cycle only.
Slow mode: Low clock only
All ROM area JMP instruction.
Sleep mode: Both high and low clock stop
All ROM area CALL address instruction.
Green mode: Periodical wakeup by T0 Timer
All ROM area lookup table function (MOVC)
 Package (Chip form support)
PDIP 14 pins
SOP 14 pins
SSOP 16 pins
MSOP 10 Pins
PDIP 8 pins
SOP 8 pins
Features Selection Table
CHIP
ROM
(word)
RAM
(Byte)
Stack
Timer LVD
Level
IHRC I/O
Green
Mode
Slow
Mode
PWM
Buzzer
Wake-up
Pin No.
Package
T0 TC0
SN8P2501A
1K
48
4
V
V
1
V
12
V
V
V
5
DIP14/SOP14/SSOP16
SN8P2501B
1K
48
4
V
V
3
V
12
V
V
V
5
DIP14/SOP14/SSOP16
/MSOP10/DIP8/SOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com