Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBP2501BPB Datasheet(PDF) 40 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 40 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 36Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 37Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 38Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 39Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 40Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 41Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 42Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 43Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 44Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 40
Version 2.1
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
NT0
NPD
LVD36
LVD24
-
C
DC
Z
Read/Write
R/W
R/W
R
R
-
R/W
R/W
R/W
After reset
-
-
0
0
-
0
0
0
Bit 5
LVD36: LVD 3.6V operating flag and only support LVD code option is LVD_H.
0 = Inactive (VDD > 3.6V).
1 = Active (VDD <= 3.6V).
Bit 4
LVD24: LVD 2.4V operating flag and only support LVD code option is LVD_M.
0 = Inactive (VDD > 2.4V).
1 = Active (VDD <= 2.4V).
LVD
LVD Code Option
LVD_L
LVD_M
LVD_H
2.0V Reset
Available
Available
Available
2.4V Flag
-
Available
-
2.4V Reset
-
-
Available
3.6V Flag
-
-
Available
LVD_L
If VDD < 2.0V, system will be reset.
Disable LVD24 and LVD36 bit of PFLAG register.
LVD_M
If VDD < 2.0V, system will be reset.
Enable LVD24 bit of PFLAG register. If VDD > 2.4V, LVD24 is
“0”. If VDD <= 2.4V, LVD24 flag is “1”.
Disable LVD36 bit of PFLAG register.
LVD2_H
If VDD < 2.4V, system will be reset.
Enable LVD24 bit of PFLAG register. If VDD > 2.4V, LVD24 is “0”. If VDD <= 2.4V, LVD24 flag is “1”.
Enable LVD36 bit of PFLAG registe
r. If VDD > 3.6V, LVD36 is “0”. If VDD <= 3.6V, LVD36 flag is “1”.
Note:
1.
After any LVD reset, LVD24, LVD36 flags are cleared.
2.
The voltage level of LVD 2.4V or 3.6V is for design reference only. Don’t use the LVD indicator
as precision VDD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com