Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBP2501BPB Datasheet(PDF) 24 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 24 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 20Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 21Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 22Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 23Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 24Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 25Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 26Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 27Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 28Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 24
Version 2.1
2.1.4.3
BIT DEFINITION of SYSTEM REGISTER
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
Remarks
082H
RBIT7
RBIT6
RBIT5
RBIT4
RBIT3
RBIT2
RBIT1
RBIT0
R/W
R
083H
ZBIT7
ZBIT6
ZBIT5
ZBIT4
ZBIT3
ZBIT2
ZBIT1
ZBIT0
R/W
Z
084H
YBIT7
YBIT6
YBIT5
YBIT4
YBIT3
YBIT2
YBIT1
YBIT0
R/W
Y
086H
NT0
NPD
LVD36
LVD24
-
C
DC
Z
R/W
PFLAG
0B8H
-
-
-
-
-
-
-
P00M
R/W
P0M
0BFH
-
-
-
P00G1
P00G0
-
-
-
R/W
PEDGE
0C0H
-
-
-
-
P13W
P12W
P11W
P10W
W
P1W wakeup register
0C1H
-
-
-
P14M
P13M
P12M
-
P10M
R/W
P1M I/O direction
0C2H
-
-
P25M
P24M
P23M
P22M
P21M
P20M
R/W
P2M I/O direction
0C5H
-
-
-
P54M
-
-
-
-
R/W
P5M I/O direction
0C8H
-
-
TC0IRQ
T0IRQ
-
-
-
P00IRQ
R/W
INTRQ
0C9H
-
-
TC0IEN
T0IEN
-
-
-
P00IEN
R/W
INTEN
0CAH
-
-
-
CPUM1
CPUM0
CLKMD
STPHX
-
R/W
OSCM
0CCH
WDTR7
WDTR6
WDTR5
WDTR4
WDTR3
WDTR2
WDTR1
WDTR0
W
WDTR
0CDH
TC0R7
TC0R6
TC0R5
TC0R4
TC0R3
TC0R2
TC0R1
TC0R0
W
TC0R
0CEH
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
R/W
PCL
0CFH
-
-
-
-
-
-
PC9
PC8
R/W
PCH
0D0H
-
-
-
-
-
-
-
P00
R/W
P0 data buffer
0D1H
-
-
-
-
P13
P12
P11
P10
R/W
P1 data buffer
0D2H
-
-
P25
P24
P23
P22
P21
P20
R/W
P2 data buffer
0D5H
-
-
-
P54
-
-
-
-
R/W
P5 data buffer
0D8H
T0ENB
T0rate2
T0rate1
T0rate0
-
-
-
T0TB
R/W
T0M
0D9H
T0C7
T0C6
T0C5
T0C4
T0C3
T0C2
T0C1
T0C0
R/W
T0C
0DAH
TC0ENB
TC0rate2
TC0rate1
TC0rate0
TC0CKS
ALOAD0
TC0OUT
PWM0OUT
R/W
TC0M
0DBH
TC0C7
TC0C6
TC0C5
TC0C4
TC0C3
TC0C2
TC0C1
TC0C0
R/W
TC0C
0DFH
GIE
-
-
-
-
-
STKPB1
STKPB0
R/W
STKP stack pointer
0E0H
-
-
-
-
-
-
-
P00R
W
P0 pull-up register
0E1H
-
-
-
-
P13R
P12R
-
P10R
W
P1 pull-up register
0E2H
-
-
P25R
P24R
P23R
P22R
P21R
P20R
W
P2 pull-up register
0E5H
-
-
-
P54R
-
-
-
-
W
P5 pull-up register
0E7H
@YZ7
@YZ6
@YZ5
@YZ4
@YZ3
@YZ2
@YZ1
@YZ0
R/W
@YZ index pointer
0E9H
-
-
-
-
-
-
-
P10OC
W
P1OCopen-drain
0F8H
S3PC7
S3PC6
S3PC5
S3PC4
S3PC3
S3PC2
S3PC1
S3PC0
R/W
STK3L
0F9H
-
-
-
-
-
-
S3PC9
S3PC8
R/W
STK3H
0FAH
S2PC7
S2PC6
S2PC5
S2PC4
S2PC3
S2PC2
S2PC1
S2PC0
R/W
STK2L
0FBH
-
-
-
-
-
-
S2PC9
S2PC8
R/W
STK2H
0FCH
S1PC7
S1PC6
S1PC5
S1PC4
S1PC3
S1PC2
S1PC1
S1PC0
R/W
STK1L
0FDH
-
-
-
-
-
-
S1PC9
S1PC8
R/W
STK1H
0FEH
S0PC7
S0PC6
S0PC5
S0PC4
S0PC3
S0PC2
S0PC1
S0PC0
R/W
STK0L
0FFH
-
-
-
-
-
-
S0PC9
S0PC8
R/W
STK0H
Note:
1. To avoid system error, please be sure to put all the “0” and “1” as it indicates in the above
table
.
2.
All of register names had been declared in SN8ASM assembler.
3.
One-
bit name had been declared in SN8ASM assembler with “F” prefix code.
4.
“b0bset”, “b0bclr”, ”bset”, ”bclr” instructions are only available to the “R/W” registers.
5.
For detail description, please refer to the
“System Register Quick Reference Table”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com