Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBP2501BPB Datasheet(PDF) 48 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 48 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 44Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 45Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 46Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 47Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 48Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 49Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 50Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 51Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 52Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 48
Version 2.1
4.4 SYSTEM HIGH CLOCK
The system high clock is from internal 16MHz oscillator RC type or external oscillator. The high clock type is controlled
by
“High_Clk” code option.
High_Clk Code Option
Description
IHRC_16M
The high clock is internal 16MHz oscillator RC type. XIN and XOUT pins are general
purpose I/O pins.
Fcpu range is Fosc/4~Fosc/16 in IHRC_16M .
IHRC_RTC
The high clock is internal 16MHz oscillator RC type. XIN and XOUT pins connect
with 32768Hz crystal for RTC clock source.
Fcpu range is Fosc/4~Fosc/16 in IHRC_16M .
RC
The high clock is external RC type oscillator. XOUT pin is general purpose I/O pin.
32K
The high clock is external 32768Hz low speed oscillator.
12M
The high clock is external high speed oscillator. The typical frequency is 12MHz.
4M
The high clock is external oscillator. The typical frequency is 4MHz.
4.4.1 INTERNAL HIGH RC
The chip is built-in RC type internal high clock (16MHz) controlled by
“IHRC_16M” or “IHRC_RTC” code options. In
“IHRC_16M” mode, the system clock is from internal 16MHz RC type oscillator and XIN / XOUT pins are
general-purpose I/O pins. In
“IHRC_RTC” mode, the system clock is from internal 16MHz RC type oscillator and XIN /
XOUT pins are connected with external 32768 crystal for real time clock (RTC).
IHRC: High clock is internal 16MHz oscillator RC type. XIN/XOUT pins are general purpose I/O pins.
IHRC_RTC: High clock is internal 16MHz oscillator RC type. XIN/XOUT pins are connected with external
32768Hz crystal/ceramic oscillator for RTC clock source.
The RTC period is 0.5 sec and RTC timer is T0. Please consult
“T0 Timer” chapter to apply RTC function.
Note: In IHRC_16M and IHRC_RTC modes, the Fcpu is limited to Fosc/4~Fosc/16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com