Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556TMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
Data can be written to the mode bits (bits[1:0]) in Enable Register (0x0A) only after the flash has ramped down to
the desired value, and VOUT has decayed.
Table 1 shows the I2C commands and the state of the mode bits, if the STROBE pin is used to enable the Flash
Mode.
Table 1. I2C Commands and the State of the Mode Bits
ENABLE AND CONFIGURATION
STATUS OF MODE BITS IN THE ENABLE REGISTER AFTER
MODE CHANGE REQUIRED
REGISTER SETTING (0x0A=Enable
A FLASH
Register, 0x07=Configuration Register)
Using edge-triggered STROBE to Flash
0x0A = 0x23; 0x07 = 0x78 (default setting)
Mode bits are cleared after a single flash. To reflash, 0x23 has to
be written to 0x0A.
Using level-triggered STROBE to Flash
0x0A = 0x23; 0x07 = 0xF8
Mode bits are cleared after a single flash. To reflash, 0x23 has to
be written to 0x0A.
Part is required to go from external TORCH
0x0A = 0x33; 0x07 = 0x78 (default setting)
Mode bits are cleared after a single flash. To reflash, 0x33 has to
Mode to external STROBE mode using
be written to 0x0A.
edge-triggered STROBE
Part is required to go from external TORCH
0x0A = 0x33; 0x0 7= 0xF8
Mode bits are cleared only if the part has an internal flash time-
Mode to external STROBE mode using
out event happening before the STROBE level goes low. To re-
Level Triggered STROBE
flash, 0x33 has to be written to 0x0A. If the STROBE level goes
low before an internal flash time-out event, then mode bits are not
cleared.
7.4.4 Torch Mode
In Torch Mode, the current source (LED) is programmed via the Current Control Register (0x09). Torch Mode is
activated by the Enable Register (0x0A) or by the hardware TORCH input. Once the Torch Mode is enabled the
current source ramps up to the programmed torch current level. The ramp-up and ramp-down times are
independently adjustable via the Torch Ramp Time Register (0x06). Torch Mode is not affected by flash timeout.
7.4.5 Indicator Mode
This mode has two options: the Internal Indicator Mode and the External Indicator mode. Both these modes are
activated by the Configuration Register (0x07) in addition to the Enable Register (0x0A).
In the Internal Indicator Mode, the current source (LED) can be programmed to 8 different intensity levels, with
current values being 1/8th the values in Current Control Register (0x09) bits [6:4]. The ramp-up, ramp-down, the
pulse time, number of blanks and periods of the desired output current can be independently controlled via the
Indicator Ramp Time Indicator (0x03), Indicator Blinking Register (0x04) and the Indicator Period Count Register
(0x05).
In the External Indicator Mode, the current source (LED) is controlled via the TORCH pin. An external PWM
signal can be input to the part via the TORCH pin to choose any one of the 8 available intensity settings (bits
[6:4] of the Current Control Register (0x09)) for the current source (LED).
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com