Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556TMX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
tBLANK
tPERIOD
tPERIOD
ITORCH
tBLANK
tR
tF
tPULSE
tPULSE
tPERIOD
tR
tF
tPULSE
tPULSE
tPERIOD
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
7.6.1.5 Indicator Blinking Register (0x04)
Table 6. Indicator Blinking Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NBLANK
Pulse Time (tPULSE)
0000 = 0 (default)
0000 = 0 (default)
0001 = 1
0001 = 32 ms
0010 = 2
0010 = 64 ms
0011 = 3
0011 = 92 ms
0100 = 4
0100 = 128 ms
0101 = 5
0101 = 160 ms
0110 = 6
0110 = 196 ms
0111 = 7
0111 = 224 ms
1000 = 8
1000 = 256 ms
1001 = 9
1001 = 288 ms
1010 = 10
1010 = 320 ms
1011 = 11
1011 = 352 ms
1100 = 12
1100 = 384 ms
1101 = 13
1101 = 416 ms
1110 = 14
1110 = 448 ms
1111 = 15
1111 = 480 ms
7.6.1.6 Indicator Period Count Register (0x05)
Table 7. Indicator Period Count Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
RFU
RFU
RFU
NPERIOD
000 = 0 (default)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 5
110 = 6
111 = 7
Figure 37. Indicator Usage
1. Number of periods (tPERIOD = tR + tF + tPULSE × 2)
2. Active Time (tACTIVE = tPERIOD × NPERIOD)
3. Blank Time (tBLANK = tACTIVE × NBLANK)
Figure 38. Single Pulse With Dead Time
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com