Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556TMX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
tBLANK
tPERIOD
tPERIOD
tPERIOD
tACTIVE
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
Figure 39. Multiple Pulse With Dead Time
7.6.1.7 Torch Ramp Time Register (0x06)
Table 8. Torch Ramp Time Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
Torch Ramp-Up Time
Torch Ramp-Down Time
000 = 16 ms (default)
000 = 16 ms (default)
001 = 32 ms
001 = 32 ms
010 = 64 ms
010 = 64 ms
011 = 128 ms
011 = 128 ms
100 = 256 ms
100 = 256 ms
101 = 512 ms
101 = 512 ms
110 = 1.024 s
110 = 1.024 s
111 = 2.048 s
111 = 2.048 s
7.6.1.8 Configuration Register (0x07)
Table 9. Configuration Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Strobe Pin
Torch Pin
TX Pin
TX Event Level
IVFM Enable
NTC Mode
Indicator Mode
Strobe Usage
Polarity
Polarity
Polarity
0 = Off
0 = Disabled
0 = Normal
0 = Internal
0 = Edge
0 = Active Low
0 = Active Low
0 = Active Low
1 = Torch Current
(default)
(default)
(default)
(default)
1 = Active
1 = Active
1 = Active
(default)
1 = Enabled
1 = Monitor
1 = External
1 = Level
High (default)
High (default)
High (default)
Strobe Usage Level or edge. Flash follows strobe timing if Level and internal timing if edge.
Strobe Polarity Active high or active low select.
Torch Polarity Active high or active low select.
TX Polarity Active high or active low select.
TX Event Level Transition to torch current level or off setting if TX event occurs.
The TX Event Level off setting is designed to force a shutdown only during a flash event. When
Torch or Indicator Mode is enabled, and a TX event occurs with the TX event level set to Off , the
LM3556 does not shut down. The TX flag bit (bit7 in the Table 14) is set, and the mode bits (bit0
and bit1 in Table 12) get locked out until the fault register is cleared via an I2C read. Because a TX
event is periodic and frequently occurring, clearing the fault register becomes more difficult.
Depending on the I2C read/write speed and TX event frequency, it may be necessary to set the TX
enable bit (bit6 in the Table 12) to a '0' before clearing the fault register to prevent future flag sets.
IVFM Enable Enables input voltage flash monitoring.
NTC Mode
Monitor Mode (report only) or Normal Mode (reduce current or shutdown).
Indicator Mode Externally generated via TORCH pin or internally generated PWM.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com