Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556TMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
0
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 63h
w
ack
addr = 0Ah
ack
ack
Data = 03h
stop
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
Programming (continued)
W = Write (SDA = '0')
R = Read (SDA = '1')
Ack = Acknowledge (SDA Pulled Down By Either Master Or Slave)
ID= Chip Address, 63h For LM3556
Figure 31. Write Cycle
7.5.1.4 I2C-Compatible Chip Address
The device address for the LM3556 is 1100011 (63). After the START condition, the I2C-compatible master
sends the 7-bit address followed by an eighth read or write bit (R/W). R/W = 0 indicates a WRITE and R/W = 1
indicates a READ. The second byte following the device address selects the register address to which the data
will be written. The third byte contains the data for the selected register.
Figure 32. I2C-Compatible Device Address
7.5.1.5 Transferring Data
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master releases SDA (HIGH) during the 9th clock pulse. The LM3556 pulls down
SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each byte has
been received.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com