Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80AVZPIG Datasheet(PDF) 39 Page - Winbond

Part # W25X80AVZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X80AVZPIG Datasheet(HTML) 39 Page - Winbond

Back Button W25X80AVZPIG Datasheet HTML 35Page - Winbond W25X80AVZPIG Datasheet HTML 36Page - Winbond W25X80AVZPIG Datasheet HTML 37Page - Winbond W25X80AVZPIG Datasheet HTML 38Page - Winbond W25X80AVZPIG Datasheet HTML 39Page - Winbond W25X80AVZPIG Datasheet HTML 40Page - Winbond W25X80AVZPIG Datasheet HTML 41Page - Winbond W25X80AVZPIG Datasheet HTML 42Page - Winbond W25X80AVZPIG Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
W25X10A, W25X20A, W25X40A, W25X80A
Publication Release Date: August 7, 2009
- 39 -
Revision F
12.2 8-Pin SOIC 208-mil (Package Code SS)
MILLIMETERS
INCHES
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.75
1.95
2.16
0.069
0.077
0.085
A1
0.05
0.15
0.25
0.002
0.006
0.010
A2
1.70
1.80
1.91
0.067
0.071
0.075
b
0.35
0.42
0.48
0.014
0.017
0.019
C
0.19
0.20
0.25
0.007
0.008
0.010
D
5.18
5.28
5.38
0.204
0.208
0.212
D1
5.13
5.23
5.33
0.202
0.206
0.210
E
5.18
5.28
5.38
0.204
0.208
0.212
E1
5.13
5.23
5.33
0.202
0.206
0.210
e
1.27 BSC
0.050 BSC
H
7.70
7.90
8.10
0.303
0.311
0.319
L
0.50
0.65
0.80
0.020
0.026
0.031
y
-
-
0.010
-
-
0.004
θ
0°
-
8°
0°
-
8°
Notes:
1. Controlling dimensions: millimeters, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D1 and E1 do not include mold flash protrusions and should be measured from the bottom of the package.
4. Formed leads coplanarity with respect to seating plane shall be within 0.004 inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com