Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80AVZPIG Datasheet(PDF) 2 Page - Winbond

Part # W25X80AVZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X80AVZPIG Datasheet(HTML) 2 Page - Winbond

  W25X80AVZPIG Datasheet HTML 1Page - Winbond W25X80AVZPIG Datasheet HTML 2Page - Winbond W25X80AVZPIG Datasheet HTML 3Page - Winbond W25X80AVZPIG Datasheet HTML 4Page - Winbond W25X80AVZPIG Datasheet HTML 5Page - Winbond W25X80AVZPIG Datasheet HTML 6Page - Winbond W25X80AVZPIG Datasheet HTML 7Page - Winbond W25X80AVZPIG Datasheet HTML 8Page - Winbond W25X80AVZPIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
W25X10A, W25X20A, W25X40A, W25X80A
- 2 -
Table of Contents
1.
......................................................................................................... 4
GENERAL DESCRIPTION
2.
................................................................................................................................. 4
FEATURES
3.
....................................................................................... 5
PIN CONFIGURATION SOIC 150-MIL
4.
....................................................................................... 5
PIN CONFIGURATION SOIC 208-MIL
5.
....................................................................................... 5
PIN CONFIGURATION PDIP 300-MIL
6.
.................................................................................. 6
PAD CONFIGURATION WSON 6X5-MM
7.
..................................................................................................................... 6
PIN DESCRIPTION
7.1
............................................................................................................... 7
Package Types
7.2
............................................................................................................ 7
Chip Select (/CS)
7.3
................................................................................................. 7
Serial Data Output (DO)
7.4
......................................................................................................... 7
Write Protect (/WP)
7.5
............................................................................................................... 7
HOLD (/HOLD)
7.6
.......................................................................................................... 7
Serial Clock (CLK)
7.7
..................................................................................... 7
Serial Data Input / Output (DIO)
8.
...................................................................................................................... 8
BLOCK DIAGRAM
9.
................................................................................................... 9
FUNCTIONAL DESCRIPTION
9.1
......................................................................................................... 9
SPI OPERATIONS
9.1.1
........................................................................................................................9
SPI Modes
9.1.2
...............................................................................................................9
Dual Output SPI
9.1.3
...................................................................................................................9
Hold Function
9.2
.................................................................................................. 10
WRITE PROTECTION
9.2.1
....................................................................................................10
Write Protect Features
10.
................................................................................... 11
CONTROL AND STATUS REGISTERS
10.1
.................................................................................................... 11
STATUS REGISTER
10.1.1
............................................................................................................................11
BUSY
10.1.2
............................................................................................11
Write Enable Latch (WEL)
10.1.3
..............................................................................11
Block Protect Bits (BP2, BP1, BP0)
10.1.4
.....................................................................................11
Top/Bottom Block Protect (TB)
10.1.5
...............................................................................................................11
Reserved Bits
10.1.6
......................................................................................12
Status Register Protect (SRP)
10.1.7
..............................................................................13
Status Register Memory Protection
10.2
........................................................................................................... 14
INSTRUCTIONS
10.2.1
........................................................................14
Manufacturer and Device Identification
10.2.2
..............................................................................................................15
Instruction Set
10.2.3
........................................................................................................16
Write Enable (06h)
10.2.4
.......................................................................................................16
Write Disable (04h)
10.2.5
..........................................................................................17
Read Status Register (05h)
10.2.6
..........................................................................................18
Write Status Register (01h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com