Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80AVZPIG Datasheet(PDF) 14 Page - Winbond

Part # W25X80AVZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X80AVZPIG Datasheet(HTML) 14 Page - Winbond

Back Button W25X80AVZPIG Datasheet HTML 10Page - Winbond W25X80AVZPIG Datasheet HTML 11Page - Winbond W25X80AVZPIG Datasheet HTML 12Page - Winbond W25X80AVZPIG Datasheet HTML 13Page - Winbond W25X80AVZPIG Datasheet HTML 14Page - Winbond W25X80AVZPIG Datasheet HTML 15Page - Winbond W25X80AVZPIG Datasheet HTML 16Page - Winbond W25X80AVZPIG Datasheet HTML 17Page - Winbond W25X80AVZPIG Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
W25X10A, W25X20A, W25X40A, W25X80A
- 14 -
10.2 INSTRUCTIONS
The instruction set of the W25X10A/20A/40A/80A consists of fifteen basic instructions that are fully
controlled through the SPI bus (see Instruction Set table). Instructions are initiated with the falling
edge of Chip Select (/CS). The first byte of data clocked into the DIO input provides the instruction
code. Data on the DIO input is sampled on the rising edge of clock with most significant bit (MSB) first.
Instructions vary in length from a single byte to several bytes and may be followed by address bytes,
data bytes, dummy bytes (don’t care), and in some cases, a combination. Instructions are completed
with the rising edge of edge /CS. Clock relative timing diagrams for each instruction are included in
figures 4 through 19. All read instructions can be completed after any clocked bit. However, all
instructions that Write, Program or Erase must complete on a byte boundary (CS driven high after a
full 8-bits have been clocked) otherwise the instruction will be terminated. This feature further protects
the device from inadvertent writes. Additionally, while the memory is being programmed or erased, or
when the Status Register is being written, all instructions except for Read Status Register will be
ignored until the program or erase cycle has completed.
10.2.1 Manufacturer and Device Identification
MANUFACTURER ID
(M7-M0)
Winbond Serial Flash
EFh
Device ID
(ID7-ID0)
(ID15-ID0)
Instruction
ABh, 90h
9Fh
W25X10A
10h
3011h
W25X20A
11h
3012h
W25X40A
12h
3013h
W25X80A
13h
3014h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com