Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X80AVZPIG Datasheet(PDF) 7 Page - Winbond

Part # W25X80AVZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X80AVZPIG Datasheet(HTML) 7 Page - Winbond

Back Button W25X80AVZPIG Datasheet HTML 3Page - Winbond W25X80AVZPIG Datasheet HTML 4Page - Winbond W25X80AVZPIG Datasheet HTML 5Page - Winbond W25X80AVZPIG Datasheet HTML 6Page - Winbond W25X80AVZPIG Datasheet HTML 7Page - Winbond W25X80AVZPIG Datasheet HTML 8Page - Winbond W25X80AVZPIG Datasheet HTML 9Page - Winbond W25X80AVZPIG Datasheet HTML 10Page - Winbond W25X80AVZPIG Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
W25X10A, W25X20A, W25X40A, W25X80A
Publication Release Date: August 7, 2009
- 7 -
Revision F
7.1
Package Types
All parts are offered in an 8-pin plastic 150-mil width SOIC (package code SN)
(1) as shown in figure 1a
and the 8-pad 6x5-mm WSON (package code ZP) as shown in figure 1c, and 1d respectively. The
W25X40A and W25X80A are offered in both the 8-pin plastic 208-mil width SOIC (package code SS)
as shown in figure 1b and the 8-pin 300-mil DIP (package code DA). Package diagrams and
dimensions are illustrated at the end of this datasheet.
7.2
Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high the device is
deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the devices
power consumption will be at standby levels unless an internal erase, program or status register cycle
is in progress. When /CS is brought low the device will be selected, power consumption will increase
to active levels and instructions can be written to and data read from the device. After power-up, /CS
must transition from high to low before a new instruction will be accepted. The /CS input must track
the VCC supply level at power-up (see “Write Protection” and figure 20). If needed a pull-up resister
on /CS can be used to accomplish this.
7.3
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from
(shifted out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
7.4
Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP2, BP1, and BP0) bits and Status Register
Protect (SRP) bit, a portion or the entire memory array can be hardware protected. The /WP pin is
active low.
7.5
HOLD (/HOLD)
The Hold (/HOLD) pin allows the device to be paused while it is actively selected. When /HOLD is
brought low, while /CS is low, the DO pin will be at high impedance and signals on the DIO and CLK
pins will be ignored (don’t care). When /HOLD is brought high, device operation can resume. The
/HOLD function can be useful when multiple devices are sharing the same SPI signals. (“See Hold
function”)
7.6
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. (“See
SPI Operations”)
7.7
Serial Data Input / Output (DIO)
The SPI Serial Data Input/Output (DIO) pin provides a means for instructions, addresses and data to
be serially written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock
(CLK) input pin. The DIO pin is also used as an output when the Fast Read Dual Output instruction is
executed.
Note 1: See “Valid Part Number and Top Side Marking” Section, Note 2 for special ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com