Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61PD0A2 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMK61PD0A2
Description  LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK61PD0A2 Datasheet(HTML) 2 Page - Texas Instruments

  LMK61PD0A2 Datasheet HTML 1Page - Texas Instruments LMK61PD0A2 Datasheet HTML 2Page - Texas Instruments LMK61PD0A2 Datasheet HTML 3Page - Texas Instruments LMK61PD0A2 Datasheet HTML 4Page - Texas Instruments LMK61PD0A2 Datasheet HTML 5Page - Texas Instruments LMK61PD0A2 Datasheet HTML 6Page - Texas Instruments LMK61PD0A2 Datasheet HTML 7Page - Texas Instruments LMK61PD0A2 Datasheet HTML 8Page - Texas Instruments LMK61PD0A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMK61PD0A2
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.15
Additional Reliability and Qualification .................... 9
1
Features .................................................................. 1
7.16
Typical Performance Characteristics .................... 10
2
Applications ........................................................... 1
8
Parameter Measurement Information ................ 11
3
Description ............................................................. 1
8.1
Device Output Configurations ................................. 11
4
Revision History..................................................... 2
9
Detailed Description ............................................ 13
5
Device Control........................................................ 3
9.1
Overview ................................................................. 13
6
Pin Configuration and Functions ......................... 4
9.2
Functional Block Diagram ....................................... 13
7
Specifications......................................................... 5
9.3
Feature Description................................................. 13
7.1
Absolute Maximum Ratings ...................................... 5
10
Application and Implementation........................ 14
7.2
ESD Ratings ............................................................ 5
10.1
Application Information.......................................... 14
7.3
Recommended Operating Conditions ....................... 5
10.2
Typical Application ................................................ 14
7.4
Thermal Information .................................................. 5
11
Power Supply Recommendations ..................... 16
7.5
Electrical Characteristics - Power Supply ................. 6
12
Layout................................................................... 17
7.6
LVPECL Output Characteristics................................ 6
12.1
Layout Guidelines ................................................. 17
7.7
LVDS Output Characteristics .................................... 6
13
Device and Documentation Support ................. 19
7.8
HCSL Output Characteristics .................................... 7
13.1
Community Resources.......................................... 19
7.9
OE Input Characteristics ........................................... 7
13.2
Trademarks ........................................................... 19
7.10
OS, FS[1:0] Input Characteristics ........................... 7
13.3
Electrostatic Discharge Caution ............................ 19
7.11
Frequency Tolerance Characteristics ..................... 7
13.4
Glossary ................................................................ 19
7.12
Power-On/Reset Characteristics (VDD).................. 8
7.13
PSRR Characteristics ............................................. 8
14
Mechanical, Packaging, and Orderable
Information ........................................................... 19
7.14
PLL Clock Output Jitter Characteristics .................. 9
4 Revision History
Changes from Original (October 2015) to Revision A
Page
•
Product Preview to Production Data Release ....................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61PD0A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com