Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61PD0A2 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMK61PD0A2
Description  LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK61PD0A2 Datasheet(HTML) 4 Page - Texas Instruments

  LMK61PD0A2 Datasheet HTML 1Page - Texas Instruments LMK61PD0A2 Datasheet HTML 2Page - Texas Instruments LMK61PD0A2 Datasheet HTML 3Page - Texas Instruments LMK61PD0A2 Datasheet HTML 4Page - Texas Instruments LMK61PD0A2 Datasheet HTML 5Page - Texas Instruments LMK61PD0A2 Datasheet HTML 6Page - Texas Instruments LMK61PD0A2 Datasheet HTML 7Page - Texas Instruments LMK61PD0A2 Datasheet HTML 8Page - Texas Instruments LMK61PD0A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
OS
OUTN
VDD
OE
GND
OUTP
FS0
FS1
1
6
2
5
4
3
7
8
LMK61PD0A2
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
6 Pin Configuration and Functions
SIA Package
8 pin QFM
Table 3. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
POWER
GND
3
Ground
Device Ground.
VDD
6
Analog
3.3 V Power Supply.
OUTPUT BLOCK
OUTP,
4, 5
Universal
Differential Output Pair (LVPECL, LVDS or HCSL).
OUTN
DIGITAL CONTROL / INTERFACES
FS[1:0]
7, 8
LVCMOS
Output Frequency Select. Refer toTable 1.
OE
1
LVCMOS
Output Enable (internal pullup). Refer toTable 2.
OS
3
LVCMOS
Output Type Select. Refer toTable 2.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61PD0A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com