Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61PD0A2 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMK61PD0A2
Description  LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK61PD0A2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMK61PD0A2 Datasheet HTML 19Page - Texas Instruments LMK61PD0A2 Datasheet HTML 20Page - Texas Instruments LMK61PD0A2 Datasheet HTML 21Page - Texas Instruments LMK61PD0A2 Datasheet HTML 22Page - Texas Instruments LMK61PD0A2 Datasheet HTML 23Page - Texas Instruments LMK61PD0A2 Datasheet HTML 24Page - Texas Instruments LMK61PD0A2 Datasheet HTML 25Page - Texas Instruments LMK61PD0A2 Datasheet HTML 26Page - Texas Instruments LMK61PD0A2 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
2X
5.08
4X
2.54
6X (0.15)
6X 1.03
0.97
2X 0.83
0.77
1.15 MAX
6X 1.43
1.37
2X
2.865
6X 1.85
A
5±0.1
B
7±0.1
4X (0.26)
2X (0.24)
QFM - 1.15 mm max height
SIA0008B
QUAD FLAT MODULE
4221443/B 09/2015
PIN 1 INDEX
AREA
0.15 C
4X
0.1 C
0.1 C
0.1
C A
B
0.05
C
1
3
4
7
8
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
6
SCALE 1.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com