Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61PD0A2 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMK61PD0A2
Description  LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK61PD0A2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK61PD0A2 Datasheet HTML 9Page - Texas Instruments LMK61PD0A2 Datasheet HTML 10Page - Texas Instruments LMK61PD0A2 Datasheet HTML 11Page - Texas Instruments LMK61PD0A2 Datasheet HTML 12Page - Texas Instruments LMK61PD0A2 Datasheet HTML 13Page - Texas Instruments LMK61PD0A2 Datasheet HTML 14Page - Texas Instruments LMK61PD0A2 Datasheet HTML 15Page - Texas Instruments LMK61PD0A2 Datasheet HTML 16Page - Texas Instruments LMK61PD0A2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Output
Control
Power Conditioning
VDD
3
3
FS0
LVPECL
or LVDS
or HCSL
FS1
3
= tri-state
PLL
¥
ROM
(Pin Control)
3
OS
Integrated
Oscillator
XO
N Div
™û fractional
Integer Div
GND
OE
LMK61PD0A2
www.ti.com
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
9 Detailed Description
9.1 Overview
The LMK61PD0A2 is a pin selectable oscillator that generates commonly used reference clocks, greater than
100 MHz, with less than 200 fs, rms max random jitter.
9.2 Functional Block Diagram
NOTE
Control blocks are compatible with 1.8/2.5/3.3 V I/O voltage levels.
9.3 Feature Description
9.3.1 Device Block-Level Description
The LMK61PD0A2 comprises of an integrated oscillator that includes a 50 MHz crystal, a fractional PLL with
integrated VCO. Completing the device is the combination of an integer output divider and a universal differential
output buffer. The on-chip ROM contains seven pre-programmed output frequency plans that selects the
appropriate settings for the integrated oscillator, PLL blocks and output divider. Table 1 lists the supported output
frequency plans that can be selected by pin-strapping FS[1:0] as required. Table 2 lists the supported output
types that can be selected by pin-strapping OS and OE as required. The device is powered by on-chip low
dropout (LDO) linear voltage regulators and the regulated supply network is partitioned such that the sensitive
analog supplies are running from separate LDOs than the digital supplies which use their own LDO. The LDOs
provide isolation from any noise in the external power supply rail with a PSRR of better than -70 dBc at 50 kHz to
1 MHz ripple frequencies at 3.3 V device supply.
9.3.2 Device Configuration Control
The LMK61PD0A2 selects an output frequency plan and output type using control pins FS[1:0].
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMK61PD0A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com