Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments LP3982 Datasheet HTML 17Page - Texas Instruments LP3982 Datasheet HTML 18Page - Texas Instruments LP3982 Datasheet HTML 19Page - Texas Instruments LP3982 Datasheet HTML 20Page - Texas Instruments LP3982 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
FAULT
CC
SET
GND
DAP
(GND)
1
2
3
4
8
7
6
5
SHDN
IN
OUT
OUT
CIN
VIA connect to ground layer
VIA connect to VOUT
COUT
CCC
R1
R2
RPULLUP
17
LP3982
www.ti.com
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Best performance is achieved by placing CIN, COUT, and CCC on the same side of the PCB as the LP3982 device,
and as close as is practical to the package. The ground connections for CIN and COUT must be back to the
LP3982 device GND pin using as wide and as short of a copper trace as is practical.
Avoid connections using long trace lengths and narrow trace widths. These add parasitic inductances and
resistance that results in inferior performance especially during transient conditions.
10.2 Layout Example
Figure 21. WSON Package Adjustable Version (Not to Scale)
10.3 WSON Mounting
The WSON package requires specific mounting techniques which are detailed in TI Application Report Leadless
Leadframe Package (LLP) (SNOA401). Referring to the section PCB Design Recommendations, the pad style
which must be used with the WSON package is the NSMD (non-solder mask defined) type. Additionally, it is
recommended the PCB terminal pads be 0.2 mm longer than the package pads to create a solder fillet to
improve reliability and inspection. The thermal dissipation of the WSON package is directly related to the printed
circuit board construction and the amount of additional copper area connected to the DAP. The DAP (exposed
pad) on the bottom of the WSON package is connected to the die substrate with a conductive die attach
adhesive. The DAP has no direct electrical (wire) connection to any of the pins. There is a parasitic PN junction
between the die substrate and the device ground. As such, it is strongly recommend that the DAP be connected
directly to the ground at device pin 3 (GND). Alternately, but not recommended, the DAP may be left floating (no
electrical connection). The DAP must not be connected to any potential other than ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com