Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1
R3 =
+
-
1
1
R1
GT
R2
1
1
R1
VLT
VREF (GT)
R2
-
=
VREF (GT)
VUT1
R1 =
1
1
1
R3
R2
R1
GT =
+
+
VUT = R1 (VREF) GT
VLT = R1 // R2 (VREF) GT
+
-
VB
LM385A-1.2V
LMC7215
R1
R3
R2
R4
VREF
2.74M
180k
768k
301k
2.2PF
VB
4 Cells
NiMH
SHDN
GND
IN
OUT
LP3982
FAULT
100k
2.2PF
CERAMIC
10
LP3982
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown
The LP3982 goes into sleep mode when the SHDN pin is in a logic low condition. During this condition, the pass
transistor, error amplifier, and bandgap are turned off, reducing the supply current to 1 nA typical. The maximum
voltage for a logic low at the SHDN pin is 0.4 V. A minimum voltage of 2 V at the SHDN pin turns the LP3982
back on. The SHDN pin may be directly tied to VIN to keep the part on. The SHDN pin may exceed VIN but not
the maximum of 6.5 V.
Figure 13 shows an application that uses the SHDN pin. It detects when the battery is too low and disconnects
the load by turning off the regulator. A micropower comparator (LMC7215) and reference (LM385) are combined
with resistors to set the minimum battery voltage. At the minimum battery voltage, the comparator output goes
low and tuns off the LP3982 and corresponding load. Hysteresis is added to the minimum battery threshold to
prevent the battery's recovery voltage from falsely indicating an above minimum condition. When the load is
disconnected from the battery, it automatically increases in terminal voltage because of the reduced IR drop
across its internal resistance. The minimum battery detector of Figure 13 has a low detection threshold (VLT) of
3.6 V that corresponds to the minimum battery voltage. The upper threshold (VUT) is set for 4.6 V to exceed the
recovery voltage of the battery.
Figure 13. Minimum Battery Detector that Disconnects the Load Via the SHDN Pin of the LP3982
Resistor value for VUT and VLT are determined as follows:
(1)
(The application of Figure 13 used a GT of 5 μ mho.)
(2)
(3)
(4)
The above procedure assumes a rail-to-rail output comparator. Essentially, R2 is in parallel with R1 prior to
reaching the lower threshold, then R2 becomes parallel with R3 for the upper threshold. Note that the application
requires rail-to-rail input as well.
The resistor values shown in Figure 13 are the closest practical to calculated values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com