Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 2Page - Texas Instruments LP3982 Datasheet HTML 3Page - Texas Instruments LP3982 Datasheet HTML 4Page - Texas Instruments LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LP3982
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for VIN = VOUT + 0.5 V
(1), V
SHDN = VIN, CIN = COUT = 2.2 μF, CCC = 33 nF, TJ
= 25°C.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
(6)
The FAULT detection voltage is specified for the input-to-output voltage differential at which the FAULT pin goes active low.
VFAULT
FAULT detection voltage
VO ≥ 2.5 V, IOUT = 200 mA
(6)
120
mV
VOUT ≥ 2.5 V, IOUT = 200 mA
(6);
for operating temperature extremes:
−40°C to 85°C
280
FAULT output low voltage
ISINK = 2 mA
0.115
V
ISINK = 2 mA;
for operating temperature extremes:
−40°C to 85°C
0.25
IFAULT
FAULT off-leakage current
FAULT = 3.6 V, SHDN = 0 V
0.1
100
nA
TSD
Thermal shutdown temperature
160
°C
Thermal shutdown hysteresis
10
TON
Start-up time
COUT = 10 μF, VOUT at 90% of final
value
120
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com