Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 3 Page - Texas Instruments

  LP3982 Datasheet HTML 1Page - Texas Instruments LP3982 Datasheet HTML 2Page - Texas Instruments LP3982 Datasheet HTML 3Page - Texas Instruments LP3982 Datasheet HTML 4Page - Texas Instruments LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OUT
IN
GND
OUT
FAULT
SHDN
CC
SET*
1
3
4
2
6
5
7
8
DAP
SHDN
1
2
3
4
5
6
7
8
OUT
IN
GND
OUT
CC
SET *
FAULT
3
LP3982
www.ti.com
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
The SET pin is internally disconnected for the fixed versions.
NGM Package
8-Pin WSON With Thermal Pad
Top View
The SET pin is internally disconnected for the fixed versions.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CC
6
—
Connect a capacitor between CC pin and ground to reduce the output noise. The optimum
value for CC is 33 nF.
FAULT
8
Output
FAULT pin goes low during out of regulation conditions like current limit and thermal
shutdown, or when it approaches dropout. Requires a pullup resistor because it is an active-
low, open-drain output.
GND
3
Ground
Ground
IN
2
Input
This is the input supply voltage to the regulator.
OUT
1, 4
Output
Regulated output voltage
SET
5
Input
In the adjustable version a resistor divider connected to this pin sets the output voltage. The
SET pin is internally disconnected for the fixed versions.
SHDN
7
Input
The SHDN pin allows the part to be turned to an ON or OFF state by pulling SHDN pin high
or low.
DAP
√
—
WSON Only - The DAP (Die Attached Pad) is an exposed pad that does not have an internal
connection; it functions as a thermal relief when soldered to a copper plane. It is recommend
that the DAP be connected to GND. See WSON Mounting section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com